Part Number Hot Search : 
1812A 161005 HT6350 H25N120 AK5703 HT46RB50 15F00Z0 X935Z
Product Description
Full Text Search
 

To Download 2SJ518 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SJ518
Silicon P Channel MOS FET High Speed Power Switching
ADE-208-580B (Z) 3rd. Edition June 1, 1998 Features
Low on-resistance R DS(on) = 0.35 typ. at (V GS = -10V, ID = -1A) * Low drive current * 4 V gate drive devices * High speed switching
Outline
UPAK
3
D
2
1
4
G
S
1. Gate 2. Drain 3. Source 4. Drain
2SJ518
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Avalanche current Avalanche energy Channel dissipation Channel temperature Storage temperature Note: Symbol VDSS VGSS ID I D(pulse) I DR I AP
Note2 Note1
Ratings -60 20 -2 -4 -2 -2 0.34
Unit V V A A A A mJ W C C
EAR Pch Tch Tstg
Note3
1 150 -55 to +150
1. PW 10s, duty cycle 1 % 2. value at Tch = 25C, Rg 50 3. Value at when using the aluminaceramic board (12.5x20x0.7mm)
2
2SJ518
Electrical Characteristics (Ta = 25C)
Item Symbol Min -60 20 -- -- -1.0 -- -- 1.2 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 0.35 0.45 2.0 220 110 35 10 11 45 30 -1.05 50 Max -- -- -10 10 -2.0 0.46 0.63 -- -- -- -- -- -- -- -- -- -- Unit V V A A V S pF pF pF ns ns ns ns V ns I D = -2A, VGS = 0 I F = -2A, VGS = 0 diF/ dt = 50A/s Test Conditions I D = -10mA, VGS = 0 I G = 100A, VDS = 0 VDS = -60 V, VGS = 0 VGS = 16V, VDS = 0 I D = -1mA, VDS = -10V I D = -1A, VGS = -10V Note4 I D = -1A, VGS = -4V Note4 I D = -1A, VDS = -10V VDS = -10V VGS = 0 f = 1MHz VGS = -10V, ID = -1A RL = 30
Note4
Drain to source breakdown voltage V(BR)DSS Gate to source breakdown voltage V(BR)GSS Zero gate voltege drain current Gate to source leak current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time I DSS I GSS VGS(off) RDS(on) RDS(on) |yfs| Ciss Coss Crss t d(on) tr t d(off) tf
Body-drain diode forward voltage VDF Body-drain diode reverse recovery time Note: 4. Pulse test 5. Marking is "AZ" t rr
3
2SJ518
Main Characteristics
Power vs. Temperature Derating 2.0 Pch (W) I D (A) Test Condition : When using the aliminium Ceramic board (12.5 x 20 x 70 mm) 1.5
-100 -30 -10
Maximum Safe Operation Area
100 s
-3 -1 -0.3 -0.1 -0.03 -0.01
Channel Dissipation
Drain Current
1.0
0.5
1 m s = 10 DC (1 m Op sh s ot) er at Operation in ion this area is limited by R DS(on)
PW
Ta = 25 C
0
50
100
150 Ta (C)
200
Ambient Temperature
-0.1 -0.3 -1 -3 -10 -30 -100 Drain to Source Voltage V DS (V)
Typical Output Characteristics -5 -10 V -5 -6 V -5 V -4 V -3 Pulse Test I D (A) -4
Typical Transfer Characteristics V DS = -10 V Pulse Test
I D (A)
-4
-3.5 V
-3
Drain Current
Drain Current
-2 -3 V -1 VGS = -2.5 V 0 -2 -4 -6 Drain to Source Voltage -10 V DS (V) -8
-2 Tc = 75 C -1 -25 C 0 -1 -2 -3 Gate to Source Voltage -4 -5 V GS (V) 25 C
4
2SJ518
Drain to Source Saturation Voltage vs. Gate to Source Voltage Static Drain to Source on State Resistance vs. Drain Current 10 5
Drain to Source Saturation Voltage V DS(on) (V)
Pulse Test
-4
Drain to Source On State Resistance R DS(on) ( )
-5
-3
2 1 0.5 VGS = -4 V -10 V 0.2 0.1 -0.1 -0.2 Pulse Test -0.5 -1 -2 -5 Drain Current I D (A) -10
-2
-1
-0.5 A
I D = -2 A -1 A
0
-4 -8 -12 Gate to Source Voltage
-16 -20 V GS (V)
Static Drain to Source on State Resistance R DS(on) ( )
Forward Transfer Admittance |y fs | (S)
Static Drain to Source on State Resistance vs. Temperature 1.0 Pulse Test 0.8 I D = -2 A -0.5, -1 A
Forward Transfer Admittance vs. Drain Current 10 5 Ta = -25 C 2 1 0.5 75 C 25 C
0.6 V GS = -4 V 0.4 -10 V -2 A -0.5, -1 A 0.2 0 -40
0.2 0.1 -0.1 -0.2
V DS = -10 V Pulse Test -0.5 -1 -2 -5 Drain Current I D (A) -10
0 40 80 120 160 Case Temperature Tc (C)
5
2SJ518
Body-Drain Diode Reverse Recovery Time 100 1000 300 100 30 Crss 10 3 1 0 Ciss Coss Typical Capacitance vs. Drain to Source Voltage
Reverse Recovery Time trr (ns)
50
20 di / dt = 50 A / s VGS = 0, Ta = 25 C -0.5 -1 -2 -5 I DR (A) -10
Capacitance C (pF)
10 -0.1 -0.2
VGS = 0 f = 1 MHz -10 -20 -30 -40 -50 Drain to Source Voltage V DS (V)
Reverse Drain Current
Dynamic Input Characteristics
Switching Characteristics
V DS (V)
Switching Time t (ns)
-20
V DD = -10 V -25 V -50 V
V GS (V)
0
0
100 50 t d(off) tf t d(on) 10 5 tr
-4
Drain to Source Voltage
-40 V DS V GS -80
-60
V DD = -10 V -25 V -50 V
-8
-12
-16 -20 20
Gate to Source Voltage
20
2 1 -0.1 -0.2
I = -2 A -100 D 0 4
V GS = -10 V, V DD = -30 V Ta = 25C, duty < 1 % -0.5 -1 Drain Current -2 -5 -10 I D (A)
8
12
16
Gate Charge
Qg (nc)
6
2SJ518
Reverse Drain Current vs. Source to Drain Voltage Pulse Test Maximum Avalanche Energy vs. Channel Temperature Derating
Repetitive Avalanche Energy EAR (mJ)
-5
0.5 I AP = -2 A V DD = -25 V duty < 0.1 % Rg > 50
Reverse Drain Current I DR (A)
-4
0.4
-3
-10 V -5 V V GS = 0, 5 V
0.3
-2
0.2
-1
0.1 0 25
0
-0.4
-0.8
-1.2
-1.6
-2.0
50
75
100
125
150
Source to Drain Voltage
V SD (V)
Channel Temperature Tch (C)
Avalanche Test Circuit EAR =
Avalanche Waveform 1 2 * L * I AP * 2 VDSS VDSS - V DD
V DS Monitor
L I AP Monitor
V (BR)DSS I AP VDD ID V DS
Rg Vin -15 V
D. U. T
50 0 VDD
7
2SJ518
Switching Time Test Circuit Vin Monitor D.U.T. RL 90% Vin 50 -10 V V DD = -30 V Vout td(on) 90% 10% tr td(off) 90% 10% tf Vout Monitor Vin 10% Waveform
8
2SJ518
Package Dimensions (Unit: mm)
4.5 0.1
0.4
1.8 max
1.5 0.1 0.44 max
f1
1.5 1.5 3.0
0.8 min
0.53 max 0.48 max
1
2
3
2.5 0.1 4.25 max
4
0.44 max
Hitachi Code EIAJ JEDEC
UPAK SC-62 UPAK
9
2SJ518
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & IC Div. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109 For further information write to: Hitachi America, Ltd. Semiconductor & IC Div. 2000 Sierra Point Parkway Brisbane, CA. 94005-1835 USA Tel: 415-589-8300 Fax: 415-583-4207
Hitachi Europe GmbH Electronic Components Group Continental Europe Dornacher Strae 3 D-85622 Feldkirchen Munchen Tel: 089-9 91 80-0 Fax: 089-9 29 30 00
Hitachi Europe Ltd. Electronic Components Div. Northern Europe Headquarters Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA United Kingdom Tel: 0628-585000 Fax: 0628-778322
Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 0104 Tel: 535-2100 Fax: 535-1533 Hitachi Asia (Hong Kong) Ltd. Unit 706, North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon Hong Kong Tel: 27359218 Fax: 27306071
Copyright (c) Hitachi, Ltd., 1997. All rights reserved. Printed in Japan.
10


▲Up To Search▲   

 
Price & Availability of 2SJ518

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X